Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCMB065T-R68MS Fiches technique(PDF) 2 Page - International Rectifier

No de pièce PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Fiches technique(HTML) 2 Page - International Rectifier

  PCMB065T-R68MS Datasheet HTML 1Page - International Rectifier PCMB065T-R68MS Datasheet HTML 2Page - International Rectifier PCMB065T-R68MS Datasheet HTML 3Page - International Rectifier PCMB065T-R68MS Datasheet HTML 4Page - International Rectifier PCMB065T-R68MS Datasheet HTML 5Page - International Rectifier PCMB065T-R68MS Datasheet HTML 6Page - International Rectifier PCMB065T-R68MS Datasheet HTML 7Page - International Rectifier PCMB065T-R68MS Datasheet HTML 8Page - International Rectifier PCMB065T-R68MS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
- 2 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
2
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
ORDERING INFORMATION
IR3898 ―       
Package
Tape & Reel Qty
Part Number
M
750
IR3898MTR1PBF
M
4000
IR3898MTRPBF
PIN DIAGRAM
4mm x 5mm POWER QFN
TOP VIEW
Enable
12
14
15
16
2
8
9
10
SW
3
4
5
6
1
7
Vsns
Vin
Vcc/LDO_Out
VP
Boot
17
GND
13
PVin
11
PGND
PBF
– Lead Free
TR/TR1 – Tape and Reel
M – Package Type
-
32
/
2/
o
JA
o
J PCB
CW
CW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46