Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EP2C8 Fiches technique(PDF) 14 Page - Altera Corporation

No de pièce EP2C8
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Fiches technique(HTML) 14 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 10Page - Altera Corporation EP2C8 Datasheet HTML 11Page - Altera Corporation EP2C8 Datasheet HTML 12Page - Altera Corporation EP2C8 Datasheet HTML 13Page - Altera Corporation EP2C8 Datasheet HTML 14Page - Altera Corporation EP2C8 Datasheet HTML 15Page - Altera Corporation EP2C8 Datasheet HTML 16Page - Altera Corporation EP2C8 Datasheet HTML 17Page - Altera Corporation EP2C8 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Page 14
Functional Description
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
The EPC device controller chip accesses flash memory during:
■
FPGA configuration—reading configuration data from flash
■
JTAG-based flash programming—storing configuration data in flash
■
At POR—reading option bits from flash
During these operations, the external FPGA or processor must tri-state its interface to
the flash memory. After configuration and programming, the EPC device’s controller
tri-states the internal interface and goes into an idle mode. To interrupt a
configuration cycle in order to access the flash using the external flash interface, the
external device can hold the FPGA’s nCONFIG input low. This keeps the configuration
device in reset by holding the nSTATUS-OE line low, allowing external flash access.
f For more information about the software support for the external flash interface
feature, refer to the Altera Enhanced Configuration Devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36