| Moteur de recherche de fiches techniques de composants électroniques |
|
DX58SO Fiches technique(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DX58SO Fiches technique(HTML) 3 Page - Intel Corporation |
|
3 / 88 page ![]() iii Preface This Technical Product Specification (TPS) specifies the board layout, components, connectors, power and environmental requirements, and the BIOS for the Intel® Desktop Board DX58SO. Intended Audience The TPS is intended to provide detailed, technical information about the Intel Desktop Board DX58SO and its components to the vendors, system integrators, and other engineers and technicians who need this level of information. It is specifically not intended for general audiences. What This Document Contains Chapter Description 1 A description of the hardware used on the Intel Desktop Board DX58SO 2 A map of the resources of the Intel Desktop Board 3 The features supported by the BIOS Setup program 4 A description of the BIOS error messages, beep codes, and POST codes 5 Regulatory compliance and battery disposal information Typographical Conventions This section contains information about the conventions used in this specification. Not all of these symbols and abbreviations appear in all specifications of this type. Notes, Cautions, and Warnings NOTE Notes call attention to important information. INTEGRATOR’S NOTES Integrator’s notes are used to call attention to information that may be useful to system integrators. CAUTION Cautions are included to help you avoid damaging hardware or losing data. |