Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DG45FC Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Fiches technique(HTML) 21 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 17Page - Intel Corporation DG45FC Datasheet HTML 18Page - Intel Corporation DG45FC Datasheet HTML 19Page - Intel Corporation DG45FC Datasheet HTML 20Page - Intel Corporation DG45FC Datasheet HTML 21Page - Intel Corporation DG45FC Datasheet HTML 22Page - Intel Corporation DG45FC Datasheet HTML 23Page - Intel Corporation DG45FC Datasheet HTML 24Page - Intel Corporation DG45FC Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Product Description
21
1.6.2
Intel® Viiv™ Processor Technology
This Intel desktop board supports Intel® Viiv™ processor technology. To be eligible for
the Intel Viiv processor technology brand, a system must meet certain hardware and
software requirements. To get the list of requirements for Intel Viiv processor
technology branding as well as all the features supported by Intel Viiv processor
technology, refer to:
http://www.intel.com/products/viiv/index.htm
1.6.3
USB
The board supports up to 10 USB 2.0 ports, supports UHCI and EHCI, and uses UHCI-
and EHCI-compatible drivers.
The ICH10R provides the USB controller for all ports. The port arrangement is as
follows:
•
Six ports are implemented with stacked back panel connectors
•
Four ports are routed to two separate front panel USB headers
For information about
Refer to
The location of the USB connectors on the back panel
Figure 9, page 43
The location of the front panel USB headers
Figure 10, page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88