| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F100C Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100C Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 98 page ![]() Pinouts and pin descriptions STM32F100xC, STM32F100xD, STM32F100xE 28/98 Doc ID 15081 Rev 7 93 - - PG8 I/O FT PG8 94 - - VSS_9 SVSS_9 95 - - VDD_9 SVDD_9 96 63 37 PC6 I/O FT PC6 TIM3_CH1 97 64 38 PC7 I/O FT PC7 TIM3_CH2 98 65 39 PC8 I/O FT PC8 TIM13_CH1 TIM3_CH3 99 66 40 PC9 I/O FT PC9 TIM14_CH1 TIM3_CH4 100 67 41 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(8)/MCO 101 68 42 PA9 I/O FT PA9 USART1_TX(8)/ TIM1_CH2(8) / TIM15_BKIN 102 69 43 PA10 I/O FT PA10 USART1_RX(8)/ TIM1_CH3(8) / TIM17_BKIN 103 70 44 PA11 I/O FT PA11 USART1_CTS / TIM1_CH4(8) 104 71 45 PA12 I/O FT PA12 USART1_RTS / TIM1_ETR(8) 105 72 46 PA13 I/O FT JTMS- SWDIO 106 73 - Not connected 107 74 47 VSS_2 SVSS_2 108 75 48 VDD_2 SVDD_2 109 76 49 PA14 I/O FT JTCK- SWCLK 110 77 50 PA15 I/O FT JTDI SPI3_NSS TIM2_CH1_ETR / SPI1_NSS 111 78 51 PC10 I/O FT PC10 UART4_TX USART3_TX 112 79 52 PC11 I/O FT PC11 UART4_RX USART3_RX 113 80 53 PC12 I/O FT PC12 UART5_TX USART3_CK 114 81 - PD0 I/O FT PD0 FSMC_D2(9) 115 82 - PD1 I/O FT PD1 FSMC_D3(9) 116 83 54 PD2 I/O FT PD2 TIM3_ETR/UART5_RX 117 84 - PD3 I/O FT PD3 FSMC_CLK USART2_CTS 118 85 - PD4 I/O FT PD4 FSMC_NOE USART2_RTS Table 4. High-density STM32F100xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |