Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F100RCT6 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STM32F100RCT6
Description  High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100RCT6 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STM32F100RCT6 Datasheet HTML 25Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 26Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 27Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 28Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 29Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 30Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 31Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 32Page - STMicroelectronics STM32F100RCT6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Pinouts and pin descriptions
Doc ID 15081 Rev 7
29/98
119 86
-
PD5
I/O FT
PD5
FSMC_NWE
USART2_TX
120
-
-
VSS_10
SVSS_10
121
-
-
VDD_10
SVDD_10
122 87
-
PD6
I/O FT
PD6
FSMC_NWAIT
USART2_RX
123 88
-
PD7
I/O FT
PD7
FSMC_NE1
USART2_CK
124
-
-
PG9
I/O FT
PG9
FSMC_NE2
125
-
-
PG10
I/O FT
PG10
FSMC_NE3
126
-
-
PG11
I/O FT
PG11
127
-
-
PG12
I/O FT
PG12
FSMC_NE4
128
-
-
PG13
I/O FT
PG13
FSMC_A24
129
-
-
PG14
I/O FT
PG14
FSMC_A25
130
-
-
VSS_11
S
VSS_11
131
-
-
VDD_11
S
VDD_11
132
-
-
PG15
I/O FT
PG15
133 89
55
PB3/
I/O FT
JTDO
SPI3_SCK
PB3/TRACESWO
TIM2_CH2 /
SPI1_SCK
134 90
56
PB4
I/O FT
NJTRST
SPI3_MISO
TIM3_CH1
SPI1_MISO
135 91
57
PB5
I/O
PB5
I2C1_SMBA/ SPI3_MOSI
TIM16_BKIN
TIM3_CH2 /
SPI1_MOSI
136 92
58
PB6
I/O FT
PB6
I2C1_SCL(8)/ TIM4_CH1(8)
/ TIM16_CH1N
USART1_TX
137 93
59
PB7
I/O FT
PB7
I2C1_SDA(8) /
FSMC_NADV /
TIM4_CH2(8) /
TIM17_CH1N
USART1_RX
138 94
60
BOOT0
I
BOOT0
139 95
61
PB8
I/O FT
PB8
TIM4_CH3(8)/TIM16_CH1 /
HDMI_CEC
I2C1_SCL
140 96
62
PB9
I/O FT
PB9
TIM4_CH4(8)/ TIM17_CH1
I2C1_SDA
141 97
-
PE0
I/O FT
PE0
TIM4_ETR / FSMC_NBL0
142 98
-
PE1
I/O FT
PE1
FSMC_NBL1
143 99
63
VSS_3
SVSS_3
144 100 64
VDD_3
SVDD_3
1.
I = input, O = output, S = supply.
Table 4.
High-density STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98