Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT30SWFILM Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce BAT30SWFILM
Description  Small signal Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30SWFILM Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button BAT30SWFILM Datasheet HTML 6Page - STMicroelectronics BAT30SWFILM Datasheet HTML 7Page - STMicroelectronics BAT30SWFILM Datasheet HTML 8Page - STMicroelectronics BAT30SWFILM Datasheet HTML 9Page - STMicroelectronics BAT30SWFILM Datasheet HTML 10Page - STMicroelectronics BAT30SWFILM Datasheet HTML 11Page - STMicroelectronics BAT30SWFILM Datasheet HTML 12Page - STMicroelectronics BAT30SWFILM Datasheet HTML 13Page - STMicroelectronics BAT30SWFILM Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
BAT30
12/14
Doc ID 12564 Rev 3
Figure 21.
SOT-666 footprint (dimensions in mm)
Table 11.
SOT-666 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
-
0.60
0.018
-
0.024
A3
0.08
-
0.18
0.003
-
0.007
b
0.17
-
0.34
0.007
-
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
-
1.70
0.059
-
0.067
E
1.50
-
1.70
0.059
-
0.067
E1
1.10
-
1.30
0.043
-
0.051
e
-
0.50
-
-0.020
-
L1
-
0.19
-
-
0.007
-
L2
0.10
0.30
0.004
0.012
L3
-
0.10
-
-
0.004
-
D
b
L3
L1
e
b1
E1
L2
E
A
A3
0.50
2.60
0.62
0.30
0.99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14