Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT30CWFILM Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce BAT30CWFILM
Description  Small signal Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30CWFILM Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button BAT30CWFILM Datasheet HTML 6Page - STMicroelectronics BAT30CWFILM Datasheet HTML 7Page - STMicroelectronics BAT30CWFILM Datasheet HTML 8Page - STMicroelectronics BAT30CWFILM Datasheet HTML 9Page - STMicroelectronics BAT30CWFILM Datasheet HTML 10Page - STMicroelectronics BAT30CWFILM Datasheet HTML 11Page - STMicroelectronics BAT30CWFILM Datasheet HTML 12Page - STMicroelectronics BAT30CWFILM Datasheet HTML 13Page - STMicroelectronics BAT30CWFILM Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BAT30
Ordering information
Doc ID 12564 Rev 3
13/14
4
Ordering information
5
Revision history
Table 12.
Ordering information
Order code
Marking
Package
Weight
Base qty
Packing mode
BAT30-07P6FILM
P3
SOT-666 Parallel
2.9 mg
5000
Tape and reel
BAT30-09P6FILM
Q3
SOT-666 Opposite
2.9 mg
5000
Tape and reel
BAT30AFILM
A30
SOT-23
Common anode
10 mg
3000
Tape and reel
BAT30AWFILM
A30
SOT-323
Common anode
6 mg
3000
Tape and reel
BAT30CFILM
C30
SOT-23
Common cathode
10 mg
3000
Tape and reel
BAT30CWFILM
C30
SOT-323
Common cathode
6 mg
3000
Tape and reel
BAT30FILM
B30
SOT-23 Single
10 mg
3000
Tape and reel
BAT30JFILM
30
SOD-323 Single
5 mg
3000
Tape and reel
BAT30KFILM
30
SOD-523 Single
1.4 mg
3000
Tape and reel
BAT30LFILM
31
SOD-923 Single
0.56 mg
10000
Tape and reel
BAT30SFILM
S30
SOT-23 Serial
10 mg
3000
Tape and reel
BAT30SWFILM
S30
SOT-323 Serial
6 mg
3000
Tape and reel
BAT30WFILM
B30
SOT-323 Single
6 mg
3000
Tape and reel
Table 13.
Document revision history
Date
Revision
Changes
24-Jul-2006
1
First issue
08-Jul-2009
2
Added SOD-923 package. Table 12 sorted on alphabetic sequence
of order code. Updated ECOPACK statement.
13-Oct-2009
3
Updated Table 7 quote “L1” from 0.10 to 0.05.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14