| Moteur de recherche de fiches techniques de composants électroniques |
|
BC817 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BC817 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BC817-25 BC817-40 SMALL SIGNAL NPN TRANSISTORS PRELIMINARY DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s MINIATURE SOT-23 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS s TAPE AND REEL PACKING s THE PNP COMPLEMENTARY TYPES ARE BC807-25 AND BC817-40 RESPECTIVELY APPLICATIONS s WELL SUITABLE FOR PORTABLE EQUIPMENT s SMALL LOAD SWITCH TRANSISTORS WITH HIGH GAIN AND LOW SATURATION VOLTAGE ® INTERNAL SCHEMATIC DIAGRAM September 2002 SOT-23 Type Marking BC817-25 6B BC817-40 6C ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 50 V VCEO Collector-Emitter Voltage (IB = 0) 45 V VEBO Emitter-Base Voltage (IC = 0) 5 V IC Collector Current 0.5 A ICM Collector Peak Current 1 A Ptot Total Dissipation at TC = 25 oC 250 mW Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1/4 Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - BC817 |
|
Description similaire - BC817 |