Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ET01LD1ASE Fiches technique(PDF) 7 Page - C&K Components

No de pièce ET01LD1ASE
Description  Sealed Subminiature Toggle Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ET01LD1ASE Fiches technique(HTML) 7 Page - C&K Components

  ET01LD1ASE Datasheet HTML 1Page - C&K Components ET01LD1ASE Datasheet HTML 2Page - C&K Components ET01LD1ASE Datasheet HTML 3Page - C&K Components ET01LD1ASE Datasheet HTML 4Page - C&K Components ET01LD1ASE Datasheet HTML 5Page - C&K Components ET01LD1ASE Datasheet HTML 6Page - C&K Components ET01LD1ASE Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
F–31
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
ET Series
Sealed Subminiature Toggle Switches
TAPE & REEL
For part number ET01M3D1SAKE
OUTSIDE DIAMETER
13.00 (330,0)
PILOT HOLE
.512 (13,0)
QUANTITY PER REEL
600
REEL INFORMATION
0.079
(2,0)
0.157
(4,0)
0.630
(16,00)
0.069
(1,75)
1.732
(44,0)
0.795
(20,2)
ø 0.059
(1,50)
0.996
(25,30)
0.014
(0,35)
0.297
(7,55)
FEED DIRECTION
For part number ET01M3D1SA1BE
OUTSIDE DIAMETER
13.00 (330,0)
PILOT HOLE
.795 (20,20)
QUANTITY PER REEL
500
REEL INFORMATION



Html Pages

1 2 3 4 5 6 7