| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2575HV Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2575HV Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 44 page ![]() LM1575, LM2575-N, LM2575HV www.ti.com SNVS106E – MAY 1999 – REVISED APRIL 2013 Connection Diagrams (XX indicates output voltage option.) Top View Top View Side View Figure 2. Straight Leads Figure 3. Bent, Staggered Leads Figure 4. LM2575T-XX Flow LB03 or 5-Lead TO-220 Package 5-Lead TO-220 Package LM2575HVT-XX Flow LB03 LM2575T-XX or LM2575HVT-XX See Package Number NDH0005D See Package Number NDH0005D See Package Number KC0005A Top View Top View *No Internal Connection *No Internal Connection Figure 5. 16-Lead CDIP and PDIP Packages Figure 6. 24-Lead Surface Mount SOIC Package LM2575N-XX or LM2575HVN-XX LM2575M-XX or LM2575HVM-XX LM1575J-XX-QML See Package Number DW0024B See Package Numbers NFE0016A and NBG Top View Figure 7. DDPAK/TO-263 Package 5-Lead Surface-Mount Package See Package Number KTT0005B Side View Figure 8. LM2575S-XX or LM2575HVS-XX See Package Number KTT0005B Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM1575 LM2575-N LM2575HV |