Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB047D0474 Fiches technique(PDF) 17 Page - AVX Corporation

No de pièce CB047D0474
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

CB047D0474 Fiches technique(HTML) 17 Page - AVX Corporation

Back Button CB047D0474 Datasheet HTML 11Page - AVX Corporation CB047D0474 Datasheet HTML 12Page - AVX Corporation CB047D0474 Datasheet HTML 13Page - AVX Corporation CB047D0474 Datasheet HTML 14Page - AVX Corporation CB047D0474 Datasheet HTML 15Page - AVX Corporation CB047D0474 Datasheet HTML 16Page - AVX Corporation CB047D0474 Datasheet HTML 17Page - AVX Corporation CB047D0474 Datasheet HTML 18Page - AVX Corporation CB047D0474 Datasheet HTML 19Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
36
Film Chip Capacitors
PEN DIELECTRIC – CB Series
RMS VOLTAGE AND CURRENT VERSUS FREQUENCY
MAXIMUM VOLTAGE (VRMS) AND CURRENT (IRMS) VS FREQUENCY
Typical curves results from measurement carried out at ambient temperature (25ºC) and sinusoidal wave-forms
(for size CB01 to CB05)
0
5
10
15
20
25
30
35
40
45
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
4.7µF
1µF
0.1µF
0.01µF
63Vdc / 40Vac
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
4.7µF
1µF
0.01µF
0.1µF
1µF
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
2.2µF
1µF
0.1µF
0.01µF
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
2.2µF
1µF
0.1µF
0.01µF
0
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
1µF
0.1µF
0.01µF
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
1µF
0.1µF
0.01µF
63 Vdc / 40 Vac
63 Vdc / 40 Vac
100 Vdc / 63 Vac
100 Vdc / 63 Vac
250 Vdc / 160 Vac
250 Vdc / 160 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com