| Moteur de recherche de fiches techniques de composants électroniques |
|
CTX10-1-52M-R Fiches technique(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CTX10-1-52M-R Fiches technique(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 4 page ![]() HEADER MOUNT Header Mounted Option H He ea ad de err M Mo ou un ntte ed d S Se ee e O OD D A A B B C C X X Y Y T T H H P Pa arrtt N Nu um mb be err F Fiig gu urre e # # ((m ma ax x)) ((m ma ax x)) ((m ma ax x)) ((m ma ax x)) ((tty yp p)) ((tty yp p)) ((tty yp p)) ((tty yp p)) CTX10-1-52M-R 3 8.6 9.4 9.4 6.9 6.5 6.5 — — CTX20-1-52M-R 3 9.1 9.4 9.4 9.0 6.5 6.5 — — CTX50-1-52M-R 4 16.2 19.6 16.1 20.0 15.3 6.4 — — CTX100-1-52M-R 4 15.5 19.6 16.1 19.7 15.3 6.4 — — CTX150-1-52M-R 4 20.7 19.6 16.1 24.2 15.3 6.4 — — CTX250-1-52M-R 5 20.9 31.0 16.0 22.5 20.3 10.2 1.20 1.45 CTX500-1-52M-R 5 24.0 35.4 21.7 25.0 23.0 15.4 1.20 1.45 CTX750-1-52M-R 5 29.8 35.4 21.7 31.6 23.0 15.4 1.20 1.45 CTX1000-1-52M-R 5 29.8 35.4 21.7 31.2 23.0 15.4 1.20 1.45 CTX10-2-52M-R 3 12.7 13.6 11.4 11.7 10.8 7.5 — — CTX20-2-52M-R 3 12.5 13.6 11.4 11.4 10.8 7.5 — — CTX50-2-52M-R 5 21.6 31.0 16.0 23.5 20.3 10.2 1.20 1.45 CTX100-2-52M-R 5 24.0 35.4 21.7 26.0 23.0 15.4 1.20 1.45 CTX150-2-52M-R 5 30.6 31.0 16.0 32.5 20.3 10.2 1.20 1.45 CTX250-2-52M-R 5 31.2 35.4 21.7 33.4 23.0 15.4 1.20 1.45 CTX500-2-52M-R 5 36.7 31.0 16.0 38.4 20.3 10.2 1.20 1.45 CTX750-2-52M-R 5 43.3 35.4 21.7 45.4 23.0 15.4 1.20 1.45 CTX10-5-52M-R 5 22.2 31.0 16.0 22.7 20.3 10.2 1.20 1.45 CTX20-5-52M-R 5 24.5 35.4 21.7 25.5 23.0 15.4 1.20 1.45 CTX50-5-52M-R 5 32.3 35.4 21.7 33.7 23.0 15.4 1.11 1.36 CTX100-5-52M-R 5 37.8 35.4 21.7 40.2 23.0 15.4 1.24 1.49 CTX150-5-52M-R 5 46.4 35.4 21.7 47.0 23.0 15.4 1.24 1.49 CTX10-7-52M-R 5 25.7 35.4 21.7 26.7 23.0 15.4 1.38 1.63 CTX20-7-52M-R 5 32.4 35.4 21.7 34.2 23.0 15.4 1.38 1.63 CTX50-7-52M-R 5 39.0 35.4 21.7 40.3 23.0 15.4 1.38 1.63 Note: All dimensions are in millimeters. Drawings are not to scale. FIGURE 3 FIGURE 4 FIGURE 5 0.5 0.50d 0dia. ia. (typ. (typ.)) (typ.) C C 3. 3.8+ 8+/- /- 1 1 Y Y X X B B A A 2 2 2 2 3 3 3 3 1 1 1 1 4 4 4 4 Figure3 0.70dia. (typ.) 0.70dia. (typ.) C C 4.0+ 0+/- /- 1 4.0 - 1 B B Y Y OD OD 2 2 2 2 3 3 3 3 1 1 1 1 4 4 4 4 X X A A Figure4 1.25dia. (typ.) 1.25dia. (typ.) 1.00d 0dia. ia. (typ.) 1.00 (typ.) C C OD OD 4.25+/- 1.5 4.25+/- 1.5 B B Y Y Pin Pins1 &3 s1&3:Td :Tdia. ia. Pin Pins2 &4 s2&4:: 1.2 1.20d 0dia. ia. Hole Holes1 &3 s1&3:H :H dia. dia. Hole Holes2 &4 s2&4:1 :1.45 .45 dia. dia. A A 1 1 2 2 4 4 3 3 2 2 1 1 3 3 4 4 X X Figure5 CONNECTION DIAGRAM 1 3 LOW COST POWER INDUCTORS Toroidal Inductors |