Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BQ2002FSNG4 Fiches technique(PDF) 15 Page - Texas Instruments

No de pièce BQ2002FSNG4
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

BQ2002FSNG4 Fiches technique(HTML) 15 Page - Texas Instruments

Back Button BQ2002FSNG4 Datasheet HTML 9Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 10Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 11Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 12Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 13Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 14Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 15Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 16Page - Texas Instruments BQ2002FSNG4 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
BQ2002FSNTR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
BQ2002SN-SANTR
SOIC
D
8
0
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
BQ2002SNTR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Oct-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17