Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9903 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Fiches technique(HTML) 2 Page - STMicroelectronics

  L9903 Datasheet HTML 1Page - STMicroelectronics L9903 Datasheet HTML 2Page - STMicroelectronics L9903 Datasheet HTML 3Page - STMicroelectronics L9903 Datasheet HTML 4Page - STMicroelectronics L9903 Datasheet HTML 5Page - STMicroelectronics L9903 Datasheet HTML 6Page - STMicroelectronics L9903 Datasheet HTML 7Page - STMicroelectronics L9903 Datasheet HTML 8Page - STMicroelectronics L9903 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
L9903
2/17
Table 2. Pin Function
Figure 3. Pin Connection (Top view)
N°
Pin
Description
1
ST
Open Drain Switch for Stepup converter
2
DG
Open drain diagnostic output
3
PWM
PWM input for H-bridge control
4
EN
Enable input
5
DIR
Direction select input for H-bridge control
6
PR
Programmable cross conduction protection time
7
RX
ISO 9141 interface, receiver output
8
TX
ISO 9141 interface, transmitter input
9
K
ISO 9141 Interface, bidirectional communication K-line
10
VS
Supply voltage
11
CP
Charge pump for driving a power MOS as reverse battery protection
12
GH1
Gate driver for power MOS highside switch in halfbridge 1
13
CB1
External bootstrap capacitor
14
S1
Source/drain of halfbridge 1
15
GH2
Gate driver for power MOS highside switch in halfbridge 2
16
CB2
External bootstrap capacitor
17
S2
Source/drain of halfbridge 2
18
GL2
Gate driver for power MOS lowside switch in halfbridge 2
19
GL1
Gate driver for power MOS lowside switch in halfbridge 1
20
GND
Ground
ST
DG
PWM
EN
DIR
RX
PR
TX
K
GH1
CB1
S1
CB2
GH2
S2
GL2
GL1
GND
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
VS
CP
SO20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17