Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6562DTR Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce L6562DTR
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562DTR Fiches technique(HTML) 2 Page - STMicroelectronics

  L6562DTR Datasheet HTML 1Page - STMicroelectronics L6562DTR Datasheet HTML 2Page - STMicroelectronics L6562DTR Datasheet HTML 3Page - STMicroelectronics L6562DTR Datasheet HTML 4Page - STMicroelectronics L6562DTR Datasheet HTML 5Page - STMicroelectronics L6562DTR Datasheet HTML 6Page - STMicroelectronics L6562DTR Datasheet HTML 7Page - STMicroelectronics L6562DTR Datasheet HTML 8Page - STMicroelectronics L6562DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
L6562
2/16
2 Description (continued)
The highly linear multiplier includes a special circuit, able to reduce AC input current distortion, that allows
wide-range-mains operation with an extremely low THD, even over a large load range.
The output voltage is controlled by means of a voltage-mode error amplifier and a precise (1% @Tj =
25°C) internal voltage reference.
The device features extremely low consumption (
≤70 µA before start-up and <4 mA running) and includes
a disable function suitable for IC remote ON/OFF, which makes it easier to comply with energy saving
norms (Blue Angel, EnergyStar, Energy2000, etc.).
An effective two-step OVP enables to safely handle overvoltages either occurring at start-up or resulting
from load disconnection.
The totem-pole output stage, capable of 600 mA source and 800 mA sink current, is suitable for big MOS-
FET or IGBT drive which, combined with the other features, makes the device an excellent low-cost solu-
tion for EN61000-3-2 compliant SMPS's up to 300W.
Table 2. Absolute Maximum Ratings
Figure 3. Pin Connection (Top view)
Table 3. Thermal Data
Symbol
Pin
Parameter
Value
Unit
VCC
8
IC Supply voltage (Icc = 20 mA)
self-limited
V
---
1 to 4
Analog Inputs & Outputs
-0.3 to 8
V
IZCD
5
Zero Current Detector Max. Current
-50 (source)
10 (sink)
mA
Ptot
Power Dissipation @Tamb = 50°C
(DIP-8)
(SO-8)
1
0.65
W
Tj
Junction Temperature Operating range
-40 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
SO8
Minidip
Unit
Rth j-amb
Max. Thermal Resistance, Junction-to-ambient
150
100
°C/W
ZCD
INV
COMP
MULT
CS
Vcc
GD
GND
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16