| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8AF5178 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF5178 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 110 page ![]() Pinouts and pin description STM8AF52/62xx, STM8AF51/61xx 30/110 Doc ID 14395 Rev 9 Figure 4. LQFP 64-pin pinout 1. The CAN interface is only available on the STM8AF/H/P51xx and STM8AF52xx product lines. 2. HS stands for high sink capability. 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VSS VCAP VDD VDDIO_1 TIM2_CH3/PA3 USART_RX/PA4 USART_TX/PA5 USART_CK/PA6 AIN15/PF7 AIN14/PF6 AIN13/PF5 AIN12/PF4 NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 PG1/CAN_RX(1) PG0/CAN_TX(1) PC7/SPI_MISO PC6/SPI_MOSI VDDIO_2 VSSIO_2 PC5/SPI_SCK PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 PC2 (HS)/TIM1_CH2 PC1 (HS)/TIM1_CH1 PE5/SPI_NSS PI0 PG4 PG3 PG2 |