Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF5179 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce STM8AF5179
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5179 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button STM8AF5179 Datasheet HTML 32Page - STMicroelectronics STM8AF5179 Datasheet HTML 33Page - STMicroelectronics STM8AF5179 Datasheet HTML 34Page - STMicroelectronics STM8AF5179 Datasheet HTML 35Page - STMicroelectronics STM8AF5179 Datasheet HTML 36Page - STMicroelectronics STM8AF5179 Datasheet HTML 37Page - STMicroelectronics STM8AF5179 Datasheet HTML 38Page - STMicroelectronics STM8AF5179 Datasheet HTML 39Page - STMicroelectronics STM8AF5179 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
Pinouts and pin description
STM8AF52/62xx, STM8AF51/61xx
36/110
Doc ID 14395 Rev 9
61
---
PI4
I/O
X
X—
—
O1X
X
Port I4
——
62
---
PI5
I/O
X
X—
—
O1X
X
Port I5
——
63
49
-
-
PG5
I/O
X
X—
—
O1X
X
Port G5
——
64
50
-
-
PG6
I/O
X
X—
—
O1X
X
Port G6
——
65
51
-
-
PG7
I/O
X
X—
—
O1X
X
Port G7
——
66
52
-
-
PE4
I/O
X
XX
—
O1
X
X
Port E4
——
67
53 37
-
PE3/TIM1_BKIN I/O
X
XX
—
O1
X
X
Port E3
Timer 1 -
break input
—
68
54 38
-
PE2/I2C_SDA
I/O
X
—X
—
O1 T(2)
-
Port E2
I2C data
—
69
55 39
-
PE1/I2C_SCL
I/O
X
—X
—
O1 T(2)
-
Port E1
I2C clock
—
70
56 40
-
PE0/CLK_CCO
I/O
X
XX
—
O3
X
X
Port E0
Configurable
clock output
—
71
---
PI6
I/O
X
X—
—
O1X
X
Port I6
——
72
---
PI7
I/O
X
X—
—
O1X
X
Port I7
——
73
57 41 25
PD0/TIM3_CH2
I/O
X
XX
HS O3
X
X
Port D0
Timer 3 -
channel 2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
74
58 42 26
PD1/SWIM(3)
I/O
X
X
XHS O4
X
X
Port D1
SWIM data
interface
—
75
59 43 27
PD2/TIM3_CH1
I/O
X
XX
HS O3
X
X
Port D2
Timer 3 -
channel 1
TIM2_CH3
[AFR1]
76
60 44 28
PD3/TIM2_CH2
I/O
X
XX
HS O3
X
X
Port D3
Timer 2 -
channel 2
ADC_ETR
[AFR0]
77
61 45 29
PD4/TIM2_CH1/
BEEP
I/O
X
XX
HS O3
X
X
Port D4
Timer 2 -
channel 1
BEEP output
[AFR7]
78
62 46 30
PD5/
LINUART_TX
I/O
X
XX
—
O1
X
X
Port D5
LINUART
data transmit
—
79
63 47 31
PD6/
LINUART_RX
I/O
X
XX
—
O1
X
X
Port D6
LINUART
data receive
—
X
80
64 48 32
PD7/TLI(4)
I/O
X
XX
—
O1
X
X
Port D7
Top level
interrupt
—
Table 13.
STM8A microcontroller family pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More