Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF51A9 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STM8AF51A9
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF51A9 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STM8AF51A9 Datasheet HTML 27Page - STMicroelectronics STM8AF51A9 Datasheet HTML 28Page - STMicroelectronics STM8AF51A9 Datasheet HTML 29Page - STMicroelectronics STM8AF51A9 Datasheet HTML 30Page - STMicroelectronics STM8AF51A9 Datasheet HTML 31Page - STMicroelectronics STM8AF51A9 Datasheet HTML 32Page - STMicroelectronics STM8AF51A9 Datasheet HTML 33Page - STMicroelectronics STM8AF51A9 Datasheet HTML 34Page - STMicroelectronics STM8AF51A9 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Pinouts and pin description
Doc ID 14395 Rev 9
31/110
Figure 5.
LQFP 48-pin pinout
1.
The CAN interface is only available on the STM8AF/H/P51xx and STM8AF52xx product lines.
2.
HS stands for high sink capability.
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
USART_CK/PA6
PC1 (HS)/TIM1_CH1
PE5/SPI_NSS
PG1/CAN_Rx
VSSIO_2
PC5/SPI_SCK
PC4 (HS)/TIM1_CH4
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PG0/CAN_Tx
PC7/SPI_MISO
PC6/SPI_MOSI
VDDIO_2
VSS
VCAP
VDD
VDDIO_1
TIM2_CH3/PA3
USART_RX/PA4
USART_TX/PA5
NRST
OSCIN/PA1
OSCOUT/PA2
VSSIO_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More