| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8AF528A Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF528A Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 110 page ![]() STM8AF52/62xx, STM8AF51/61xx Pinouts and pin description Doc ID 14395 Rev 9 31/110 Figure 5. LQFP 48-pin pinout 1. The CAN interface is only available on the STM8AF/H/P51xx and STM8AF52xx product lines. 2. HS stands for high sink capability. 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 USART_CK/PA6 PC1 (HS)/TIM1_CH1 PE5/SPI_NSS PG1/CAN_Rx VSSIO_2 PC5/SPI_SCK PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 PC2 (HS)/TIM1_CH2 PG0/CAN_Tx PC7/SPI_MISO PC6/SPI_MOSI VDDIO_2 VSS VCAP VDD VDDIO_1 TIM2_CH3/PA3 USART_RX/PA4 USART_TX/PA5 NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 |