Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8314CVRAGDA Fiches technique(PDF) 78 Page - Freescale Semiconductor, Inc

No de pièce MPC8314CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314CVRAGDA Fiches technique(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8314CVRAGDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
78
Freescale Semiconductor
Package and Pin Listings
JTAG
TCK
E5
I
NVDD1_ON
—
TDI
B4
I
NVDD1_ON
4
TDO
C4
O
NVDD1_ON
3
TMS
C3
I
NVDD1_ON
4
TRST
C2
I
NVDD1_ON
4
TDM
GPIO_18/TDM_RCK
AB1
I/O
NVDD1_OFF
—
GPIO_20/TDM_RD
AC1
I/O
NVDD1_OFF
—
GPIO_19/TDM_RFS
AB3
I/O
NVDD1_OFF
—
GPIO_21/TDM_TCK
AB5
I/O
NVDD1_OFF
—
GPIO_23/TDM_TD
AC3
I/O
NVDD1_OFF
—
GPIO_22/TDM_TFS
AC2
I/O
NVDD1_OFF
—
TEST
TEST_MODE
D6
I
NVDD1_ON
6
DEBUG
QUIESCE
B5
O
NVDD1_ON
—
System Control
HRESET
B6
I/O
NVDD1_ON
1
PORESET
A6
I
NVDD1_ON
—
Clocks
SYS_XTAL_IN
L27
I
NVDD2_ON
—
SYS_XTAL_OUT
J28
O
NVDD2_ON
—
SYS_CLK_IN
K28
I
NVDD2_ON
—
USB_XTAL_IN
A15
I
NVDD2_OFF
—
USB_XTAL_OUT
B14
O
NVDD2_OFF
—
USB_CLK_IN
B15
I
NVDD2_OFF
—
PCI_SYNC_OUT
J27
O
NVDD2_ON
3
RTC_CLK
K26
I
NVDD2_ON
—
PCI_SYNC_IN
K27
I
NVDD2_ON
—
MISC
AVDD1
AC15
I
—
—
AVDD2
M23
I
—
—
THERM0
L25
I
NVDD2_ON
7
DMA_DACK0/GPIO_13
AC4
I/O
NVDD1_OFF
—
Table 66. MPC8314E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More