| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8314ECVRAFDA Fiches technique(PDF) 79 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8314ECVRAFDA Fiches technique(HTML) 79 Page - Freescale Semiconductor, Inc |
|
79 / 101 page ![]() MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 79 Package and Pin Listings DMA_DREQ0/GPIO_12 AD1 I/O NVDD1_OFF — DMA_DONE0/GPIO_14 AD2 I/O NVDD1_OFF — NC, No Connect A2 — — — NC, No Connect M25 — — — NC, No Connect P26 — — — NC, No Connect N25 — — — NC, No Connect U26 — — — NC, No Connect T25 — — — NC, No Connect R26 — — — NC, No Connect U25 — — — PCI PCI_INTA B18 O NVDD2_OFF — PCI_RESET_OUT A20 O NVDD2_OFF — PCI_AD[0] J25 I/O NVDD2_OFF — PCI_AD[1] J24 I/O NVDD2_OFF — PCI_AD[2] K24 I/O NVDD2_OFF — PCI_AD[3] H27 I/O NVDD2_OFF — PCI_AD[4] H28 I/O NVDD2_OFF — PCI_AD[5] H26 I/O NVDD2_OFF — PCI_AD[6] G27 I/O NVDD2_OFF — PCI_AD[7] G28 I/O NVDD2_OFF — PCI_AD[8] F26 I/O NVDD2_OFF — PCI_AD[9] F28 I/O NVDD2_OFF — PCI_AD[10] G25 I/O NVDD2_OFF — PCI_AD[11] F27 I/O NVDD2_OFF — PCI_AD[12] E27 I/O NVDD2_OFF — PCI_AD[13] E28 I/O NVDD2_OFF — PCI_AD[14] D28 I/O NVDD2_OFF — PCI_AD[15] D27 I/O NVDD2_OFF — PCI_AD[16] B25 I/O NVDD2_OFF — PCI_AD[17] D24 I/O NVDD2_OFF — PCI_AD[18] B26 I/O NVDD2_OFF — PCI_AD[19] C24 I/O NVDD2_OFF — PCI_AD[20] A26 I/O NVDD2_OFF — PCI_AD[21] E20 I/O NVDD2_OFF — PCI_AD[22] A23 I/O NVDD2_OFF — Table 66. MPC8314E TEPBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Note |