| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8314VRADDA Fiches technique(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8314VRADDA Fiches technique(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 101 page ![]() MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 83 Package and Pin Listings GPIO_1/DMA_DACK1/GTM1_TIN2/GTM2_ TIN1 A4 I/O NVDD1_ON — GPIO_2/DMA_DONE1/GTM1_TGATE2/GT M2_TGATE1 K3 I/O NVDD4_OFF — GPIO_3/GTM1_TIN3/GTM2_TIN4 K1 I/O NVDD4_OFF — GPIO_4/GTM1_TGATE3/GTM2_TGATE4 K2 I/O NVDD4_OFF — GPIO_5/GTM1_TOUT3/GTM2_TOUT1 L5 I/O NVDD4_OFF — GPIO_6/GTM1_TIN4/GTM2_TIN3 L3 I/O NVDD4_OFF — GPIO_7/GTM1_TGATE4/GTM2_TGATE3 L1 I/O NVDD4_OFF — GPIO_8/USBDR_DRIVE_VBUS/GTM1_TI N1/GTM2_TIN2 M1 I/O NVDD4_OFF — GPIO_9/USBDR_PWRFAULT/GTM1_TGAT E1/GTM2_TGATE2 M2 I/O NVDD4_OFF — GPIO_10/USBDR_PCTL0/GTM1_TOUT2/ GTM2_TOUT1 M5 I/O NVDD4_OFF — GPIO_11/USBDR_PCTL1/GTM1_TOUT4/ GTM2_TOUT3 M4 I/O NVDD4_OFF — SPI SPIMOSI/GPIO_15 W3 I/O NVDD1_OFF — SPIMISO/GPIO_16 W4 I/O NVDD1_OFF — SPICLK Y1 I/O NVDD1_OFF — SPISEL/GPIO_17 W2 I/O NVDD1_OFF — Power and Ground Supplies GVDD Y11, Y12, Y14, Y15, Y17, AC8, AC11, AC14, AC17, AD6, AD9, AD17, AE8, AE13, AE19, AF10, AF15, AF21, AG2, AG3, AG8, AG13, AG19, AH2 I— — LVDD1_OFF H6, J3, L6, L9, M9 I — — LVDD2_ON C11, D9, E10, F11, J12 I — — NVDD1_OFF U9, V9, W10, Y4, Y6, AA3, AB4 I— — NVDD1_ON B1, B2, C1, D5, E7, F5, F9, J11, K10 I — — NVDD2_OFF B22, B27, C19, E16, F15, F18, F21, F25, H25, J17, J18, J23, L20, M20 I— — NVDD2_ON L26, N19 I — — NVDD3_OFF U20, V20, V23, V26, W19, Y18, Y26, AA23, AA25, AC20, AC25, AD23, AE25, AG25, AG27, T27, U27 I— — NVDD4_OFF K4, L2, M6, N10 I — — Table 66. MPC8314E TEPBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Note |