Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8314CVRADDA Fiches technique(PDF) 83 Page - Freescale Semiconductor, Inc

No de pièce MPC8314CVRADDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314CVRADDA Fiches technique(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8314CVRADDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8314CVRADDA Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
83
Package and Pin Listings
GPIO_1/DMA_DACK1/GTM1_TIN2/GTM2_
TIN1
A4
I/O
NVDD1_ON
—
GPIO_2/DMA_DONE1/GTM1_TGATE2/GT
M2_TGATE1
K3
I/O
NVDD4_OFF
—
GPIO_3/GTM1_TIN3/GTM2_TIN4
K1
I/O
NVDD4_OFF
—
GPIO_4/GTM1_TGATE3/GTM2_TGATE4
K2
I/O
NVDD4_OFF
—
GPIO_5/GTM1_TOUT3/GTM2_TOUT1
L5
I/O
NVDD4_OFF
—
GPIO_6/GTM1_TIN4/GTM2_TIN3
L3
I/O
NVDD4_OFF
—
GPIO_7/GTM1_TGATE4/GTM2_TGATE3
L1
I/O
NVDD4_OFF
—
GPIO_8/USBDR_DRIVE_VBUS/GTM1_TI
N1/GTM2_TIN2
M1
I/O
NVDD4_OFF
—
GPIO_9/USBDR_PWRFAULT/GTM1_TGAT
E1/GTM2_TGATE2
M2
I/O
NVDD4_OFF
—
GPIO_10/USBDR_PCTL0/GTM1_TOUT2/
GTM2_TOUT1
M5
I/O
NVDD4_OFF
—
GPIO_11/USBDR_PCTL1/GTM1_TOUT4/
GTM2_TOUT3
M4
I/O
NVDD4_OFF
—
SPI
SPIMOSI/GPIO_15
W3
I/O
NVDD1_OFF
—
SPIMISO/GPIO_16
W4
I/O
NVDD1_OFF
—
SPICLK
Y1
I/O
NVDD1_OFF
—
SPISEL/GPIO_17
W2
I/O
NVDD1_OFF
—
Power and Ground Supplies
GVDD
Y11, Y12, Y14, Y15, Y17, AC8, AC11,
AC14, AC17, AD6, AD9, AD17, AE8,
AE13, AE19, AF10, AF15, AF21, AG2,
AG3, AG8, AG13, AG19, AH2
I—
—
LVDD1_OFF
H6, J3, L6, L9, M9
I
—
—
LVDD2_ON
C11, D9, E10, F11, J12
I
—
—
NVDD1_OFF
U9, V9, W10, Y4, Y6,
AA3, AB4
I—
—
NVDD1_ON
B1, B2, C1, D5, E7, F5, F9, J11, K10
I
—
—
NVDD2_OFF
B22, B27, C19, E16, F15, F18, F21, F25,
H25, J17, J18, J23, L20, M20
I—
—
NVDD2_ON
L26, N19
I
—
—
NVDD3_OFF
U20, V20, V23, V26, W19, Y18, Y26,
AA23, AA25, AC20, AC25, AD23, AE25,
AG25, AG27, T27, U27
I—
—
NVDD4_OFF
K4, L2, M6, N10
I
—
—
Table 66. MPC8314E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More