Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8314ECVRADDA Fiches technique(PDF) 76 Page - Freescale Semiconductor, Inc

No de pièce MPC8314ECVRADDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314ECVRADDA Fiches technique(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8314ECVRADDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8314ECVRADDA Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
76
Freescale Semiconductor
Package and Pin Listings
Local Bus Controller Interface
LAD0
AB28
I/O
NVDD3_OFF
10
LAD1
AB27
I/O
NVDD3_OFF
10
LAD2
AC28
I/O
NVDD3_OFF
10
LAD3
AA24
I/O
NVDD3_OFF
10
LAD4
AC27
I/O
NVDD3_OFF
10
LAD5
AD28
I/O
NVDD3_OFF
10
LAD6
AB25
I/O
NVDD3_OFF
10
LAD7
AC26
I/O
NVDD3_OFF
10
LAD8
AD27
I/O
NVDD3_OFF
10
LAD9
AB24
I/O
NVDD3_OFF
10
LAD10
AE28
I/O
NVDD3_OFF
10
LAD11
AE27
I/O
NVDD3_OFF
10
LAD12
AE26
I/O
NVDD3_OFF
10
LAD13
AF28
I/O
NVDD3_OFF
10
LAD14
AC24
I/O
NVDD3_OFF
10
LAD15
AD25
I/O
NVDD3_OFF
10
LA16
V24
O
NVDD3_OFF
10
LA17
V25
O
NVDD3_OFF
10
LA18
W26
O
NVDD3_OFF
10
LA19
W28
O
NVDD3_OFF
10
LA20
U24
O
NVDD3_OFF
10
LA21
W24
O
NVDD3_OFF
10
LA22
Y28
O
NVDD3_OFF
10
LA23
AH23
O
NVDD3_OFF
10
LA24
AH24
O
NVDD3_OFF
10
LA25
AG23
O
NVDD3_OFF
10
LCS[0]
AD22
O
NVDD3_OFF
11
LCS[1]
AF25
O
NVDD3_OFF
11
LCS[2]
AG24
O
NVDD3_OFF
11
LCS[3]
AF24
O
NVDD3_OFF
11
LWE[0] /LFWE/LBS
AE23
O
NVDD3_OFF
11
LWE[1]
AG26
O
NVDD3_OFF
11
LBCTL
AH26
O
NVDD3_OFF
11
LALE
AF26
O
NVDD3_OFF
10
LGPL0/LFCLE
Y27
O
NVDD3_OFF
—
Table 66. MPC8314E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More