Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25A512 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce 25A512
Description  512 Kbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25A512 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button 25A512 Datasheet HTML 17Page - Microchip Technology 25A512 Datasheet HTML 18Page - Microchip Technology 25A512 Datasheet HTML 19Page - Microchip Technology 25A512 Datasheet HTML 20Page - Microchip Technology 25A512 Datasheet HTML 21Page - Microchip Technology 25A512 Datasheet HTML 22Page - Microchip Technology 25A512 Datasheet HTML 23Page - Microchip Technology 25A512 Datasheet HTML 24Page - Microchip Technology 25A512 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2010-2011 Microchip Technology Inc.
Preliminary
DS22237C-page 21
25A512
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
0728
25A512I
1L7
8-Lead TSSOP
Example:
XXXX
TYWW
NNN
5BF
I728
IL7
Legend: XX...X
Part number or part number code
T
Temperature (I)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34