| Moteur de recherche de fiches techniques de composants électroniques |
|
PD70F3555 Fiches technique(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3555 Fiches technique(HTML) 12 Page - Renesas Technology Corp |
|
12 / 88 page ![]() 12 R01DS0141ED0100 Data Sheet Chapter 2 Absolute maximum ratings Chapter 2 Absolute maximum ratings 2.1 Supply voltages Table 2-1 VDD Data Parameter Symbol Condition Ratings Unit System CVDD M2 products only -0.5 ~ 1.6 V System FVDD -0.5 ~ 6.0 V OSCVDD -0.5 ~ 6.0 V REG0VDD -0.5 ~ 6.0 V REG1VDD -0.5 ~ 6.0 V REG2VDD -0.5 ~ 6.0 V REG3VDD -0.5 ~ 6.0 V Ports E0VDD -0.5 ~ 6.0 V E1VDD -0.5 ~ 6.0 V Port B0VDD -0.5 ~ 6.0 V ADCA0 A0VREFP -0.3 ~ A0VDD+0.3 -0.3~6.0 V ADCA0 A0VDD -0.5 ~ 6.0 V ADCA1 A1VDD -0.5 ~ 6.0 V A1VREFP -0.3 ~ A1VDD+0.3 -0.3~6.0 V Table 2-2 VSS Data Parameter Symbol Condition Ratings Unit System CVSS M2 products only -0.5 ~0.5 V System FVSS -0.5 ~0.5 V OSCVSS -0.5 ~0.5 V REG0VSS -0.5 ~0.5 V REG1VSS -0.5 ~0.5 V REG2VSS -0.5 ~0.5 V REG3VSS -0.5 ~0.5 V Ports E1VSS -0.5 ~0.5 V B0VSS -0.5 ~0.5 V ADC0 A0VSS -0.5 ~0.5 V A0VREFM -0.3 ~ A0VDD+0.3 -0.3~6.0 V ADC1 A1VSS -0.5 ~0.5 V A1VREFM -0.3 ~ A1VDD+0.3 -0.3~6.0 V |