Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADDI7100BCPZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADDI7100BCPZ
Description  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADDI7100BCPZ Fiches technique(HTML) 3 Page - Analog Devices

  ADDI7100BCPZ Datasheet HTML 1Page - Analog Devices ADDI7100BCPZ Datasheet HTML 2Page - Analog Devices ADDI7100BCPZ Datasheet HTML 3Page - Analog Devices ADDI7100BCPZ Datasheet HTML 4Page - Analog Devices ADDI7100BCPZ Datasheet HTML 5Page - Analog Devices ADDI7100BCPZ Datasheet HTML 6Page - Analog Devices ADDI7100BCPZ Datasheet HTML 7Page - Analog Devices ADDI7100BCPZ Datasheet HTML 8Page - Analog Devices ADDI7100BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADDI7100
Rev. C | Page 3 of 20
SPECIFICATIONS
GENERAL SPECIFICATIONS
TMIN to TMAX, AVDD = DVDD = DRVDD = 3 V, fSAMP = 45 MHz, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE
Analog, Digital, Digital Driver
2.7
3.6
V
POWER CONSUMPTION
Normal Operation
125
mW
Full Standby Mode
1
mW
MAXIMUM CLOCK RATE
45
MHz
DIGITAL SPECIFICATIONS
DRVDD = DVDD = 2.7 V, CL = 20 pF, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
μA
Low Level Input Current
IIL
10
μA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20