Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD82541PI Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Fiches technique(HTML) 9 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 5Page - Intel Corporation GD82541PI Datasheet HTML 6Page - Intel Corporation GD82541PI Datasheet HTML 7Page - Intel Corporation GD82541PI Datasheet HTML 8Page - Intel Corporation GD82541PI Datasheet HTML 9Page - Intel Corporation GD82541PI Datasheet HTML 10Page - Intel Corporation GD82541PI Datasheet HTML 11Page - Intel Corporation GD82541PI Datasheet HTML 12Page - Intel Corporation GD82541PI Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
11
2.0
Architectural Overview
2.1
External Architecture Block Diagram
The 82541(PI/GI/EI) architecture is a derivative of the 82542, 82543, and 82544 designs that
provided Media Access Controller (MAC) functionality as well as an integrated 10/100/1000Mbps
copper PHY. The 82541(PI/GI/EI) family architecture now adds SMBus-based manageability and
an integrated ASF controller functionality to the MAC.
Figure 1. 82541(PI/GI/EI) External Architecture Block Diagram
PCI (32bit,33/66MHz)
S/W Defined
Pins
MDI
Interface
Design For Test
Interface
LED's
EEPROM
Flash Interface
SM Bus
Interface
MAC/Controller
10/100/1000 PHY
MDIO
Interface
GMII /MII
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46