| Moteur de recherche de fiches techniques de composants électroniques |
|
AC162057 Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162057 Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 12 page ![]() MPLAB® ICD 2 DS51292L-page 6 © 2005 Microchip Technology Inc. PROGRAMMING NON-ICD DEVICES The MPLAB ICD 2 header can only program the -ICD device, not the regular device. To program non-ICD devices with the MPLAB ICD 2, use the Universal Programming Module (AC162049) or design a modular interface connector on the target. See the appropriate specification for connections. For the most up-to-date device programming specifications, see the Microchip website (www.microchip.com). CALIBRATION BITS The calibration bits for the band gap and internal oscillator are always preserved by the MPLAB ICD 2 to their factory settings. MPLAB ICD 2 PERFORMANCE The PICmicro® MCU devices do not support partial program memory erase; therefore, users may experience slower MPLAB ICD 2 performance than with other devices. ADDITIONAL INFORMATION Please refer to the MPLAB® ICD 2 In-Circuit Debugger User’s Guide (DS51331), MPLAB IDE Help and the MPLAB ICD 2 Readme for additional information. SCHEMATICS The following schematics show header electrical connections. |