Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP1650RT-E/MS Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce MCP1650RT-E/MS
Description  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650RT-E/MS Fiches technique(HTML) 27 Page - Microchip Technology

Back Button MCP1650RT-E/MS Datasheet HTML 22Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 23Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 24Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 25Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 26Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 27Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 28Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 29Page - Microchip Technology MCP1650RT-E/MS Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2004-2013 Microchip Technology Inc.
DS21876B-page 27
MCP1650/51/52/53
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device
MCP1650: 750 kHz Boost Controller
MCP1651: 750 kHz Boost Controller
MCP1652: 750 kHz Boost Controller
MCP1653: 750 kHz Boost Controller
UVLO Options
R
= 2.0V
S= 2.55V
Temperature Range
E
=
-40
C to +125C
Package
MS
= Plastic Micro Small Outline (MSOP), 8-lead
UN
= Plastic Micro Small Outline (MSOP), 10-lead
PART NO.
X
XX
Package
Temperature
Range
Device
X
UVLO
Options
Examples:
a)
MCP1650R-E/MS:
2.0V Option
b)
MCP1650RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1650S-E/MS:
2.55V Option
d)
MCP1650ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1651R-E/MS:
2.0V Option
b)
MCP1651RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1651S-E/MS:
2.55V Option
d)
MCP1651ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1652R-E/MS:
2.0V Option
b)
MCP1652RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1652S-E/MS:
2.55V Option
d)
MCP1652ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1653R-E/UN:
2.0V Option
b)
MCP1653RT-E/UN:
2.0V Option,
Tape and Reel
c)
MCP1653S-E/UN:
2.55V Option
d)
MCP1653ST-E/UN:
2.55V Option,
Tape and Reel
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30