| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP7940NT-E/MS Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP7940NT-E/MS Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 42 page ![]() MCP7940N DS25010E-page 18 2011-2013 Microchip Technology Inc. 6.0 ON BOARD MEMORY The MCP7940N has battery-backed SRAM. The SRAM is arranged as 64 x 8 bytes and is retained when the VCC supply is removed, provided the VBAT supply is present and enabled. 6.1 SRAM FIGURE 6-1: SRAM/RTCC BYTE WRITE FIGURE 6-2: SRAM/RTCC MULTIPLE BYTE WRITE The 64 bytes of user SRAM are at location 0x20h and can be accessed during an RTCC update. Upon POR the SRAM will be in an undefined state. BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY S T A R T CONTROL BYTE ADDRESS BYTE DATA S T O P A C K A C K A C K S 1 101 0 1 11 P x BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY S T A R T CONTROL BYTE ADDRESS BYTE DATA BYTE 0 S T O P A C K A C K A C K DATA BYTE N A C K S 11 0 1 0 111 P x Note: Entering an address past 5F for an SRAM operation will result in the MCP7940N not acknowledging the address. |