Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

33FJ64MC508 Fiches technique(PDF) 79 Page - Microchip Technology

No de pièce 33FJ64MC508
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64MC508 Fiches technique(HTML) 79 Page - Microchip Technology

Back Button 33FJ64MC508 Datasheet HTML 75Page - Microchip Technology 33FJ64MC508 Datasheet HTML 76Page - Microchip Technology 33FJ64MC508 Datasheet HTML 77Page - Microchip Technology 33FJ64MC508 Datasheet HTML 78Page - Microchip Technology 33FJ64MC508 Datasheet HTML 79Page - Microchip Technology 33FJ64MC508 Datasheet HTML 80Page - Microchip Technology 33FJ64MC508 Datasheet HTML 81Page - Microchip Technology 33FJ64MC508 Datasheet HTML 82Page - Microchip Technology 33FJ64MC508 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 77
dsPIC33F
Pin Diagrams
64-Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
36
35
34
33
14
15
16
EMUC1/SOSCO/T1CK/CN0/RC14
EMUD1/SOSCI/T4CK/CN1/RC13
EMUC2/OC1/RD0
IC4/INT4/RD11
IC2/FLTB/INT2/RD9
IC1/FLTA/INT1/RD8
VSS
OSC2/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
EMUC3/SCK1/INT0/RF6
U1RX/SDI1/RF2
EMUD3/U1TX/SDO1/RF3
PWM3H/RE5
PWM4L/RE6
PWM4H/RE7
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
MCLR
VSS
VDD
AN3/INDX/CN5/RB3
AN2/SS1/LVDIN/CN4/RB2
AN1/VREF-/CN3/RB1
AN0/VREF+/CN2/RB0
SDA1/RG3
43
42
41
40
39
38
37
44
48
47
46
45
SS2/T5CK/CN11/RG9
AN5/QEB/IC8/CN7/RB5
AN4/QEA/IC7/CN6/RB4
IC3/INT3/RD10
dsPIC33FJ128MC706*
*Device is marked with ‘PS’ designator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90