Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

33FJ256GP710 Fiches technique(PDF) 64 Page - Microchip Technology

No de pièce 33FJ256GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ256GP710 Fiches technique(HTML) 64 Page - Microchip Technology

Back Button 33FJ256GP710 Datasheet HTML 60Page - Microchip Technology 33FJ256GP710 Datasheet HTML 61Page - Microchip Technology 33FJ256GP710 Datasheet HTML 62Page - Microchip Technology 33FJ256GP710 Datasheet HTML 63Page - Microchip Technology 33FJ256GP710 Datasheet HTML 64Page - Microchip Technology 33FJ256GP710 Datasheet HTML 65Page - Microchip Technology 33FJ256GP710 Datasheet HTML 66Page - Microchip Technology 33FJ256GP710 Datasheet HTML 67Page - Microchip Technology 33FJ256GP710 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
dsPIC33F
DS70155C-page 62
Preliminary
© 2005 Microchip Technology Inc.
TABLE A-2:
dsPIC33F GENERAL PURPOSE FAMILY VARIANTS (DEVICES MARKED “PS”)
Device
Pins
Program Flash
Memory (KB)
RAM
(KB)(1)
Packages
33FJ128GP706
64
128
17
9
8
8
1
2 A/D,
18 ch
2222
53
PT
33FJ128GP708
80
128
17
9
8
8
1
2 A/D,
24 ch
2222
69
PT
33FJ256GP710
100
256
33
9
8
8
1
2 A/D,
32 ch
2222
86
PF
Note
1:
RAM size is inclusive of 1 KB DMA RAM.
2:
Maximum I/O pin count includes pins shared by the peripheral functions.
Note:
Prototype samples are intended for dsPIC33F early adopters and are based on early revision silicon. Devices
are marked with “PS” suffix. Major differences are noted in this data sheet. For additional information, please
refer to the
“dsPIC33F Data Sheet”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90