| Moteur de recherche de fiches techniques de composants électroniques |
|
33FJ128GP710 Fiches technique(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
33FJ128GP710 Fiches technique(HTML) 38 Page - Microchip Technology |
|
38 / 90 page ![]() dsPIC33F DS70155C-page 36 Preliminary © 2005 Microchip Technology Inc. TABLE 9-5: LOGIC INSTRUCTIONS Assembly Syntax Description Words Cycles AND f {,WREG} Destination = f .AND. WREG 1 1 AND #lit10,Wn Wn = lit10 .AND. Wn 1 1 AND Wb,#lit5,Wd Wd = Wb .AND. lit5 1 1 AND Wb,Ws,Wd Wd = Wb .AND. Ws 1 1 CLR f f = 0x0000 1 1 CLR WREG WREG = 0x0000 1 1 CLR Wd Wd = 0x0000 1 1 COM f {,WREG} Destination = f 11 COM Ws,Wd Wd = Ws 11 IOR f {,WREG} Destination = f .IOR. WREG 1 1 IOR #lit10,Wn Wn = lit10 .IOR. Wn 1 1 IOR Wb,#lit5,Wd Wd = Wb .IOR. lit5 1 1 IOR Wb,Ws,Wd Wd = Wb .IOR. Ws 1 1 NEG f {,WREG} Destination = f + 1 1 1 NEG Ws,Wd Wd = Ws + 1 1 1 SETM f f = 0xFFFF 1 1 SETM WREG WREG = 0xFFFF 1 1 SETM Wd Wd = 0xFFFF 1 1 XOR f {,WREG} Destination = f .XOR. WREG 1 1 XOR #lit10,Wn Wn = lit10 .XOR. Wn 1 1 XOR Wb,#lit5,Wd Wd = Wb .XOR. lit5 1 1 XOR Wb,Ws,Wd Wd = Wb .XOR. Ws 1 1 Note: When the optional {,WREG} operand is specified, the destination of the instruction is WREG. When {,WREG} is not specified, the destination of the instruction is the file register f. |