| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4442-503EST Fiches technique(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4442-503EST Fiches technique(HTML) 73 Page - Microchip Technology |
|
73 / 100 page ![]() © 2010 Microchip Technology Inc. DS22265A-page 73 MCP444X/446X 8.0 APPLICATIONS EXAMPLES Nonvolatile digital potentiometers have a multitude of practical uses in modern electronic circuits. The most popular uses include precision calibration of set point thresholds, sensor trimming, LCD bias trimming, audio attenuation, adjustable power supplies, motor control overcurrent trip setting, adjustable gain amplifiers and offset trimming. The MCP44XX devices can be used to replace the common mechanical trim pot in applications where the operating and terminal voltages are within CMOS process limitations (VDD = 2.7V to 5.5V). 8.1 Techniques to Force the HVC/A0 Pin to VIHH The circuit in Figure 8-1 shows a method using the TC1240A doubling charge pump. When the SHDN pin is high, the TC1240A is off, and the level on the HVC/ A0 pin is controlled by the PIC® microcontrollers (MCUs) IO2 pin. When the SHDN pin is low, the TC1240A is on and the VOUT voltage is 2 * VDD. The resistor R1 allows the HVC/A0 pin to go higher than the voltage such that the PIC MCU’s IO2 pin “clamps” at approximately VDD. FIGURE 8-1: Using the TC1240A to Generate the VIHH Voltage. The circuit in Figure 8-2 shows the method used on the MCP402X Nonvolatile Digital Potentiometer Evaluation Board (Part Number: MCP402XEV). This method requires that the system voltage be approximately 5V. This ensures that when the PIC10F206 enters a brown- out condition, there is an insufficient voltage level on the HVC/A0 pin to change the stored value of the wiper. The MCP402X Nonvolatile Digital Potentiometer Eval- uation Board User’s Guide (DS51546) contains a complete schematic. GP0 is a general purpose I/O pin, while GP2 can either be a general purpose I/O pin or it can output the internal clock. For the serial commands, configure the GP2 pin as an input (high impedance). The output state of the GP0 pin will determine the voltage on the HVC/A0 pin (VIL or VIH). For high-voltage serial commands, force the GP0 output pin to output a high level (VOH) and configure the GP2 pin to output the internal clock. This will form a charge pump and increase the voltage on the CS pin (when the system voltage is approximately 5V). FIGURE 8-2: MCP4XXX Nonvolatile Digital Potentiometer Evaluation Board (MCP402XEV) implementation to generate the VIHH voltage. HVC/A0 PIC MCU MCP4XXX R1 IO1 IO2 C2 TC1240A VIN SHDN C+ C- VOUT C1 HVC/A0 PIC10F206 MCP4XXX R1 GP0 GP2 C2 C1 |