| Moteur de recherche de fiches techniques de composants électroniques |
|
S12SPIV2D Fiches technique(PDF) 71 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D Fiches technique(HTML) 71 Page - Freescale Semiconductor, Inc |
|
71 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 71 Section 5 Resets and Interrupts 5.1 Overview Consult the Exception Processing section of the CPU12 Reference Manual for information on resets and interrupts. 5.2 Vectors 5.2.1 Vector Table Table 5-1 lists interrupt sources and vectors in default order of priority. Table 5-1 Interrupt Vector Locations Vector Address Interrupt Source CCR Mask Local Enable HPRIO Value to Elevate $FFFE, $FFFF Reset None None – $FFFC, $FFFD Clock Monitor fail reset None PLLCTL (CME, SCME) – $FFFA, $FFFB COP failure reset None COP rate select – $FFF8, $FFF9 Unimplemented instruction trap None None – $FFF6, $FFF7 SWI None None – $FFF4, $FFF5 XIRQ X-Bit None – $FFF2, $FFF3 IRQ I-Bit IRQCR (IRQEN) $F2 $FFF0, $FFF1 Real Time Interrupt I-Bit CRGINT (RTIE) $F0 $FFEE, $FFEF Enhanced Capture Timer channel 0 I-Bit TIE (C0I) $EE $FFEC, $FFED Enhanced Capture Timer channel 1 I-Bit TIE (C1I) $EC $FFEA, $FFEB Enhanced Capture Timer channel 2 I-Bit TIE (C2I) $EA $FFE8, $FFE9 Enhanced Capture Timer channel 3 I-Bit TIE (C3I) $E8 $FFE6, $FFE7 Enhanced Capture Timer channel 4 I-Bit TIE (C4I) $E6 $FFE4, $FFE5 Enhanced Capture Timer channel 5 I-Bit TIE (C5I) $E4 $FFE2, $FFE3 Enhanced Capture Timer channel 6 I-Bit TIE (C6I) $E2 $FFE0, $FFE1 Enhanced Capture Timer channel 7 I-Bit TIE (C7I) $E0 $FFDE, $FFDF Enhanced Capture Timer overflow I-Bit TSRC2 (TOI) $DE $FFDC, $FFDD Pulse accumulator A overflow I-Bit PACTL (PAOVI) $DC $FFDA, $FFDB Pulse accumulator input edge I-Bit PACTL (PAI) $DA $FFD8, $FFD9 SPI0 I-Bit SPICR1 (SPIE, SPTIE) $D8 $FFD6, $FFD7 SCI0 I-Bit SCICR2 (TIE, TCIE, RIE, ILIE) $D6 $FFD4, $FFD5 SCI1 I-Bit SCICR2 (TIE, TCIE, RIE, ILIE) $D4 $FFD2, $FFD3 ATD0 I-Bit ATDCTL2 (ASCIE) $D2 $FFD0, $FFD1 ATD1 I-Bit ATDCTL2 (ASCIE) $D0 $FFCE, $FFCF Port J I-Bit PIEJ (PIEJ7, PIEJ6, PIEJ1, PIEJ0) $CE $FFCC, $FFCD Port H I-Bit PIEH (PIEH7-0) $CC |