Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S12ECT16B8CV1D Fiches technique(PDF) 49 Page - Freescale Semiconductor, Inc

No de pièce S12ECT16B8CV1D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12ECT16B8CV1D Fiches technique(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button S12ECT16B8CV1D Datasheet HTML 45Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 46Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 47Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 48Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 49Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 50Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 51Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 52Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
49
Section 2 Signal Description
This section describes signals that connect off-chip. It includes a pinout diagram, a table of signal
properties, and detailed discussion of signals. It is built from the signal description sections of the Block
Guides of the individual IP blocks on the device.
2.1 Device Pinout
The MC9S12DJ64 is available in a 112-pin low profile quad flat pack (LQFP) and in a 80-pin quad flat
pack (QFP). Most pins perform two or more functions, as described in the Signal Descriptions. Figure
2-1 and Figure 2-2 show the pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More