| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP2ADC6VRF Fiches technique(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
DSP2ADC6VRF Fiches technique(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 6 page ![]() DSP TYPES AND COIL DATA (at 20 °C 68°F) Single side stable 2 coil latching Notes: 1. Insert 1a, 1 or 2a in, 2 ❑ for contact form required. 2. The Suffix “F” is required only for DSP1-. DIMENSIONS mm inch Type Part No. Nominal voltage, V DC Pick-up voltage, V DC (max.) Drop-out voltage, V DC (min.) Nominal operating current, mA Nominal operating power, mW Coil resistance, Ω (±10%) Max. allowable voltage, at 50 °C, V DC Single side stable DSP ❑-DC3V (-F) 3 2.4 0.3 100 300 30 3.9 DSP ❑-DC5V (-F) 5 4.0 0.5 60 300 83 6.5 DSP ❑-DC6V (-F) 6 4.8 0.6 50 300 120 7.8 DSP ❑-DC9V (-F) 9 7.2 0.9 33.3 300 270 11.7 DSP ❑-DC12V (-F) 12 9.6 1.2 25 300 480 15.6 DSP ❑-DC24V (-F) 24 19.2 2.4 12.5 300 1,920 31.2 Type Part No. Nominal voltage, V DC Set voltage, V DC (max.) Reset voltage, V DC (max.) Nominal operating current, mA Nominal operating power, mW Coil resistance, Ω (±10%) Max. allowable voltage, at 50 °C, V DC 2 coil latching DSP ❑-L2-DC3V (-F) 3 2.4 2.4 100 300 30 3.9 DSP ❑-L2-DC5V (-F) 5 4.0 4.0 60 300 83 6.5 DSP ❑-L2-DC6V (-F) 6 4.8 4.8 50 300 120 7.8 DSP ❑-L2-DC9V (-F) 9 7.2 7.2 33.3 300 270 11.7 DSP ❑-L2-DC12V (-F) 12 9.6 9.6 25.5 300 480 15.6 DSP ❑-L2-DC24V (-F) 24 19.2 19.2 12.5 300 1,920 31.2 TYPICAL APPLICATIONS Office and industrial electronic devices • Terminal devices of information processing equipment, such as printer, data recorder. • Office equipment (copier, facsimile) • Measuring instruments • NC machines, temperature controllers and programmable logic controllers. ORDERING INFORMATION Ex. DSP 1 L DC12V RF Contact arrangement 1: 1a1b 1a: 1a 2a: 2a Operating function Nil: Single side stable L2: 2 coil latching Coil voltage DC: 3, 5, 6, 9, 12, 24 V Polarity Nil: Standard polarity R: Reverse polarity Contact material • AgSnO2 type F: 1a1b Nil: 1a, 2a (Notes) 1. Standard packing–Carton: 50 pcs.; Case: 500 pcs. UL/CSA, VDE approved type is standard. 2. 1 coil latching type available. 3. Please inquire about the previous products (Cadmium containing parts). (1 Form A 1 Form B type only) 1a type (DSP1a) Single side stable 1 coil latching 2 coil latching General tolerance: ±0.3 ±.012 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 20.2 .795 7.62 .300 7.2 .283 1.21 .048 10.16 .400 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 1.0 .039 20.2 .795 7.62 .300 7.62 .300 7.2 .283 1.21 .048 2.54 .100 0.3 .012 11.0 .433 7.62 .300 PC board pattern (Copper-side view) Single side stable 2 coil latching Tolerance: ±0.1 ±.004 2.54 .100 4-1.2 dia. 4-.047 dia. 2.54 .100 2.54 .100 6-1.2 dia. 6-.047 dia. 2.54 .100 Schematic (Bottom view) Single side stable (Deenergized condition) 2 coil latching (Reset condition) 8 1 + – 16 5 8 1 + – 16 5 2 + – 15 All Rights Reserved © C OPYRIGHT Matsushita Electric Works, Ltd. |