| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ12MC201TESS Fiches technique(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC201TESS Fiches technique(HTML) 89 Page - Microchip Technology |
|
89 / 304 page ![]() © 2007-2011 Microchip Technology Inc. DS70265E-page 89 dsPIC33FJ12MC201/202 REGISTER 7-12: IEC4: INTERRUPT ENABLE CONTROL REGISTER 4 U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 U-0 — — — — — FLA2IE PWM2IE — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 U-0 — — — — — —U1EIE — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-11 Unimplemented: Read as ‘0’ bit 10 FLA2IE: PWM2 Fault A Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 9 PWM2IE: PWM2 Error Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 8-2 Unimplemented: Read as ‘0’ bit 1 U1EIE: UART1 Error Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 0 Unimplemented: Read as ‘0’ |