Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ12MC201TIP Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce DSPIC33FJ12MC201TIP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TIP Fiches technique(HTML) 7 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TIP Datasheet HTML 3Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 4Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 5Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 6Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 7Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 8Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 9Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 10Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 7
dsPIC33FJ12MC201/202
Pin Diagrams (Continued)
28-Pin QFN(2)
1
2
3
4
5
6
7
21
20
19
18
17
16
15
8
9
10
11
12
13
14
dsPIC33FJ12MC202
PGED1/AN2/RP0(1)/CN4/RB0
PGEC1/AN3/RP1(1)/CN5/RB1
AN4/RP2(1)/CN6/RB2
AN5/RP3(1)/CN7/RB3
OSC1/CLKI/CN30/RA2
OSC2/CLKO/CN29/RA3
VSS
VCAP
TDI/PWM1H3/RP10(1)/CN16/RB10
TMS/PWM1L3/RP11(1)/CN15/RB11
PWM1H2/RP12(1)/CN14/RB12
TDO/PWM2L1/SDA1/RP9(1)/CN21/RB9
PWM1L2/RP13(1)/CN13/RB13
28
27
26
25
24
23
22
VSS
Note 1:
The RPn pins can be used by any remappable peripheral. See Table 1 for the list of available
peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to
be connected to VSS externally.
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More