| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP191ACBZ-R7 Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP191ACBZ-R7 Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() ADP190/ADP191 Rev. D | Page 7 of 16 TYPICAL PERFORMANCE CHARACTERISTICS VIN = 1.8 V, VEN = VIN > VIH, ILOAD = 100 mA, TA = 25°C, unless otherwise noted. 200 180 160 140 120 100 80 60 125 85 25 –5 –40 JUNCTION TEMPERATURE, TJ (°C) VIN = 1.2V VIN = 1.8V VIN = 3.6V Figure 5. RDSON vs. Temperature (Includes ~15 mΩ Trace Resistance) 200 180 160 140 120 100 80 1.2 2.0 1.6 2.4 2.8 3.2 3.6 VIN (V) ILOAD = 10mA ILOAD = 100mA ILOAD = 250mA ILOAD = 350mA ILOAD = 500mA Figure 6. RDSON vs. Input Voltage, VIN (Includes ~15 mΩ Trace Resistance) 100 80 60 40 20 0 –20 0 100 50 150 200 250 300 350 LOAD (mA) VIN = 1.2V VIN = 2.5V VIN = 3.6V VIN = 1.8V Figure 7. Voltage Drop vs. Load Current (Includes ~15 mΩ Trace Resistance) CH1 500mV CH2 2V M1.00µs A CH1 990mV T 3.0µs 1 2 T VEN VOUT VOUT = 3.6V ILOAD = 200mA CLOAD = 1µF VEN = 1.5V Figure 8. ADP190 Turn-On Delay, Input Voltage = 3.6 V 2 CH1 500mV CH2 1V M4µs A CH1 990mV T 12µs 1 T VOUT = 1.8V ILOAD = 200mA CLOAD = 1µF VEN = 1.5V VEN VOUT Figure 9. ADP190 Turn-On Delay, Input Voltage = 1.8 V 2 3 CH1 2.00V CH2 100mA CH3 2.00V M20.0µs A CH1 1.24V T 10.20% 1 VEN IIN VOUT T Figure 10. ADP191 Turn-On Delay and Inrush Current vs. Input Voltage = 3.6 V |