Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E3S-R2E4 Fiches technique(PDF) 13 Page - Omron Electronics LLC

No de pièce E3S-R2E4
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E4 Fiches technique(HTML) 13 Page - Omron Electronics LLC

Back Button E3S-R2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 12Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 13Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 14Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
E3S
13
Accessories (Order Separately)
5
25
5
4.2
10.2
20.2
25.4
5.6
41
2.1R
4.2
25.4
92.1
82.1
9
29.1
25.4
Two, M4 slotted
hexagonal bolts
Two, M4
Mounting Holes
Applicable models:
E3S-5E41
E3S-R2E41
E3S-DS30E41
Special Mounting Bracket
E39-L2
3.2
15.70
4
5
20
33
4
20
3.2
68.5
60.8
20
28.5
4
Two, M3
Mounting Holes
Applicable models:
E3S-2E41
E3S-DS10E41
20
Two, M3
E39-L4
34
40.3
52
59.9
2.7
8
1.6
7.5
7
Two, 3.5 dia.
Material:
Reflective surface: Acrylic
Rear surface: ABS
Reflector
E39-R1
(Provided with the E3S-R2E4(41) Retro-reflective Reflector.)
4
13 dia.
9.3 dia.
Applicable models:
Provided with the E3S-5E4(41), E3S-DS30E4(41), E3S-R2E4(41).
Note: Cannot be used for the E3S-DS10E4 (41).
Sensitivity Adjuster (Provided)
E39-G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15