| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R2 Fiches technique(PDF) 12 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R2 Fiches technique(HTML) 12 Page - Omron Electronics LLC |
|
12 / 12 page ![]() E3G 12 Accessories (Order Separately) Reflectors Refer to E39-L/F39-L/E39-S/E39-R for details. Mounting Brackets Refer to E39-L/F39-L/E39-S/E39-R for details. Sensor I/O Connectors Refer to Introduction to Sensor I/O Connectors for details. M2.6 61.8 Hexagonal nut (Diagonal: 22) Applicable cable: 6 to 8 dia. 90.3 81 44 Cap (provided with the E39-L129) (PF1/2 conduit: JIS B 0202) Terminal Protection Cover for Side-pullout Cable E39-L129 Note: 1. The cover is provided with a rubber bushing and cap to prevent the cable from being pulled out vertically. 2. Refer to page 9 for the mounting method of the product. 19 22 81.5 29 M2.6 Terminal Protection Cover for Side-pullout Cable (Example: E3G-MR19) |