Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E39-R1 Fiches technique(PDF) 12 Page - Omron Electronics LLC

No de pièce E39-R1
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Fiches technique(HTML) 12 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC E39-R1 Datasheet HTML 10Page - Omron Electronics LLC E39-R1 Datasheet HTML 11Page - Omron Electronics LLC E39-R1 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
E3G
12
Accessories (Order Separately)
Reflectors
Refer to E39-L/F39-L/E39-S/E39-R for details.
Mounting Brackets
Refer to E39-L/F39-L/E39-S/E39-R for details.
Sensor I/O Connectors
Refer to Introduction to Sensor I/O Connectors for details.
M2.6
61.8
Hexagonal nut
(Diagonal: 22)
Applicable cable:
6 to 8 dia.
90.3
81
44
Cap (provided with the E39-L129)
(PF1/2 conduit: JIS B 0202)
Terminal Protection Cover for Side-pullout Cable
E39-L129
Note: 1. The cover is provided with a rubber bushing and cap
to prevent the cable from being pulled out vertically.
2. Refer to page 9 for the mounting method of the
product.
19
22
81.5
29
M2.6
Terminal Protection Cover for Side-pullout Cable
(Example: E3G-MR19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12