Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L152C8 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STM32L152C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STM32L152C8 Datasheet HTML 34Page - STMicroelectronics STM32L152C8 Datasheet HTML 35Page - STMicroelectronics STM32L152C8 Datasheet HTML 36Page - STMicroelectronics STM32L152C8 Datasheet HTML 37Page - STMicroelectronics STM32L152C8 Datasheet HTML 38Page - STMicroelectronics STM32L152C8 Datasheet HTML 39Page - STMicroelectronics STM32L152C8 Datasheet HTML 40Page - STMicroelectronics STM32L152C8 Datasheet HTML 41Page - STMicroelectronics STM32L152C8 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 121 page
background image
Pin descriptions
STM32L151x6/8/B, STM32L152x6/8/B
38/121
Doc ID 17659 Rev 8
49 31 D6 F12 23
VSS_1
SVSS_1
50 32 E6 G12 24
VDD_1
SVDD_1
51 33 H8 L12 25
PB12
I/O FT
PB12
SPI2_NSS/I2C2_SMBA/USART3_CK/LCD_SEG12/
ADC_IN18/COMP1_INP/TIM10_CH1
52 34 G8 K12 26
PB13
I/O FT
PB13
SPI2_SCK/USART3_CTS/LCD_SEG13/ADC_IN19/
COMP1_INP/TIM9_CH1
53 35 F8 K11 27
PB14
I/O FT
PB14
SPI2_MISO/USART3_RTS/LCD_SEG14/ADC_IN20/
COMP1_INP/TIM9_CH2
54 36 F7 K10 28
PB15
I/O FT
PB15
SPI2_MOSI/LCD_SEG15/ADC_IN21/
COMP1_INP/TIM11_CH1/RTC_REFIN
55
-
-
K9
-
PD8
I/O FT
PD8
USART3_TX/LCD_SEG28
56
-
-
K8
-
PD9
I/O FT
PD9
USART3_RX/LCD_SEG29
57
-
-
J12
-
PD10
I/O FT
PD10
USART3_CK/LCD_SEG30
58
-
-
J11
-
PD11
I/O FT
PD11
USART3_CTS/LCD_SEG31
59
-
-
J10
-
PD12
I/O FT
PD12
TIM4_CH1/USART3_RTS/LCD_SEG32
60
-
- H12
-
PD13
I/O FT
PD13
TIM4_CH2/LCD_SEG33
61
-
- H11
-
PD14
I/O FT
PD14
TIM4_CH3/LCD_SEG34
62
-
- H10
-
PD15
I/O FT
PD15
TIM4_CH4/LCD_SEG35
63 37 F6 E12
-
PC6
I/O FT
PC6
TIM3_CH1/LCD_SEG24
64 38 E7 E11
PC7
I/O FT
PC7
TIM3_CH2/LCD_SEG25
65 39 E8 E10
PC8
I/O FT
PC8
TIM3_CH3/LCD_SEG26
66 40 D8 D12
-
PC9
I/O FT
PC9
TIM3_CH4/LCD_SEG27
67 41 D7 D11 29
PA8
I/O FT
PA8
USART1_CK/MCO/LCD_COM0
68 42 C7 D10 30
PA9
I/O FT
PA9
USART1_TX/LCD_COM1
69 43 C6 C12 31
PA10
I/O FT
PA10
USART1_RX/LCD_COM2
70 44 C8 B12 32
PA11
I/O FT
PA11
USART1_CTS/USB_DM/SPI1_MISO
71 45 B8 A12 33
PA12
I/O FT
PA12
USART1_RTS/USB_DP/SPI1_MOSI
72 46 A8 A11 34
PA13
I/O FT
JTMS/
SWDAT
73
-
- C11
-
PH2
I/O FT
PH2
74 47 D5 F11 35
VSS_2
SVSS_2
Table 9.
STM32L15xxx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More