Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL375 Fiches technique(PDF) 31 Page - Analog Devices

No de pièce ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Fiches technique(HTML) 31 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices ADXL375 Datasheet HTML 28Page - Analog Devices ADXL375 Datasheet HTML 29Page - Analog Devices ADXL375 Datasheet HTML 30Page - Analog Devices ADXL375 Datasheet HTML 31Page - Analog Devices ADXL375 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 31 of 32
LAYOUT AND DESIGN RECOMMENDATIONS
Figure 38 shows the recommended printed wiring board land pattern.
3.3400
0.5500
0.2500
3.0500
0.2500
1.1450
5.3400
1.0500
Figure 38. Recommended Printed Wiring Board Land Pattern (Dimensions shown in millimeters)
PACKAGE INFORMATION
Figure 39 and Table 19 provide information about the package branding for the ADXL375.
3 7 5 B
# y w w
v v v v
C N T Y
Figure 39. Product Information on Package (Top View)
Table 19. Package Branding Information
Branding Key
Field Description
375B
Part identifier for the ADXL375
#
RoHS-compliant designation
yww
Date code
vvvv
Factory lot code
CNTY
Country of origin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32