| Moteur de recherche de fiches techniques de composants électroniques |
|
JS1AF-48V-F Fiches technique(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
JS1AF-48V-F Fiches technique(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 4 page ![]() Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ JS ASCTB186E 201202-T DIMENSIONS (mm inch) SAFETY STANDARDS For Cautions for Use. UL/C-UL (Recognized) CSA (Certified) VDE (Certified) TV rating (UL/CSA) TÜV (Certified) File No. Contact rating File No. Contact rating File No. Contact rating File No. Rating File No. Rating E43028 10A 125V AC, 6A 277V AC 5A 30V DC, 1/8HP 125V AC 1 /8HP 277V AC 12A 125V AC 12A 277V AC 10A 125V AC (N.O., 85 °C) 4FLA/4LRA125V AC 105 °C (N.O.) 2FLA/4LRA125V AC 105 °C (N.C.) 1 /3HP 277V AC 75 °C N.O. LR26550 10A 125V AC 12A 125V AC 6A 277V AC 12A 277V AC 5A 30V DC 1 /8HP 125V AC 1 /8HP 277V AC 40011475 10A 125V AC (cos φ=1.0) 6A 250V AC (cos φ=1.0) UL E43028 CSA LR26550 1a ➝TV-5 1c ➝TV-5 (N.O.) B 10 02 13461 271 10A 125V AC (cos φ=1.0) 6A 250V AC (cos φ=1.0) 3. Life curve Ambient temperature: Room temperature 4. Operate/release time Sample: 25 pcs., JS1-12V-F 5. Ambient temperature characteristics Sample: 6 pcs., JS1-12V-F 100 10 1 567 8 9 01 2 3 4 10 125V AC resistive load Contact current, A – – 80 100 120 140 2 0 4 6 8 10 Max. Max. Min. Min. x x Coil applied voltage, %V Operate time Release time –60 –40 –20 0 20 20 10 –10 –20 40 60 80 Ambient temperature °C Pick-up voltage Drop-out voltage The CAD data of the products with a CAD Data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ External dimensions Note: Terminal No. 4 is only for Standard 1 Form C type 16 0.4 3.9 0.8 5 4 N.C. 1 23 N.O. 0.8 0.24 12.2 16 12 0.4 0.4 22 2.3 1.2 2 .630 .016 .154 .031 .031 .009 .480 .630 .472 .016 .016 .866 .091 .047 .079 Schematic (Bottom view) 1 Form A 1 Form C PC board pattern (Bottom view) 1 Form A (Standard, High Power) 1 Form C (Standard) Tolerance: ±0.1 ±.004 N.O. COM COIL N.O. N.C. COM COIL 12 4-1.3 dia. 12.2 2 .472 4-.051 dia. .480 .079 12 5-1.3 dia. 12.2 2 .472 5-.051 dia. .480 .079 CAD Data Dimension: Less than 1mm .039inch: Min. 1mm .039inch less than 3mm .118 inch: Min. 3mm .118 inch: General tolerance ±0.1 ±.004 ±0.2 ±.008 ±0.3 ±.012 |