Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL3ICS1002F7AF Fiches technique(PDF) 29 Page - NXP Semiconductors

No de pièce SL3ICS1002F7AF
Description  UCODE G2XM and G2XL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002F7AF Fiches technique(HTML) 29 Page - NXP Semiconductors

Back Button SL3ICS1002F7AF Datasheet HTML 25Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 26Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 27Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 28Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 29Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 30Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 31Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 32Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
29 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
14.10 Mandatory Access Commands
Access commands are used to read or write data from or to the G2X memory. For a
detailed description of the mandatory Access command refer to Section 17, Ref. 1,
section 6.3.2.10.
14.10.1 REQ_RN
Access commands are used to read or write data from or to the G2X memory. For a
detailed description of the mandatory Access command refer to Section 17, Ref. 1,
section 6.3.2.10.
14.10.2 READ
For a detailed description of the mandatory Req_RN command refer to Section 17, Ref. 1,
section 6.3.2.10.
14.10.3 WRITE
For a detailed description of the mandatory Write command refer to Section 17, Ref. 1,
section 6.3.2.10.
14.10.4 KILL
For a detailed description of the mandatory Kill command refer to Section 17, Ref. 1,
section 6.3.2.10.
14.10.5 LOCK
For a detailed description of the mandatory Lock command refer to Section 17, Ref. 1,
section 6.3.2.10.
14.11 Optional Access Command
14.11.1 Access
For a detailed description of the optional Access command refer to Section 17, Ref. 1,
section 6.3.2.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51