Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADT7320UPCZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADT7320UPCZ
Description  Evaluating the ADT7320/ADT7420 Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADT7320UPCZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADT7320UPCZ Datasheet HTML 3Page - Analog Devices ADT7320UPCZ Datasheet HTML 4Page - Analog Devices ADT7320UPCZ Datasheet HTML 5Page - Analog Devices ADT7320UPCZ Datasheet HTML 6Page - Analog Devices ADT7320UPCZ Datasheet HTML 7Page - Analog Devices ADT7320UPCZ Datasheet HTML 8Page - Analog Devices ADT7320UPCZ Datasheet HTML 9Page - Analog Devices ADT7320UPCZ Datasheet HTML 10Page - Analog Devices ADT7320UPCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Evaluation Board User Guide
UG-138
Rev. A | Page 7 of 16
Log Data
The software can save the acquired data into an Excel or text file
by clicking the Log Data button, which opens the dialog box
shown in Figure 7 From this window, you can choose to log the
ADC, the Celsius value, or both, as well as set the logging
interval (see Figure 7).
Figure 9. Data Logging
Temperature Values
This section gives you an update of all the temperature limits
and the temperature reading of the part. These values are a
replica of the ADC values in the Set Temperature Limits
section, converted into degrees Celsius. The graph labeled
Temperature in Celsius displays the variation in time of the
high and low temperature limits as well as the current tempera-
ture in degrees Celsius.
Register Map
This section displays all the register values for the part. You can
read or write to any register by using the Read and Write
buttons (see Figure 8).
Easy Setup
The Easy Setup button restores all registers with default values.
Close
This button closes the current window and returns to the
selection window (see Figure 3).
Figure 10. Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16